전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4048BMS 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 CD4048BMS
상세설명  CMOS Multifunction Expandable 8 Input Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4048BMS 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button CD4048BMS Datasheet HTML 3Page - Intersil Corporation CD4048BMS Datasheet HTML 4Page - Intersil Corporation CD4048BMS Datasheet HTML 5Page - Intersil Corporation CD4048BMS Datasheet HTML 6Page - Intersil Corporation CD4048BMS Datasheet HTML 7Page - Intersil Corporation CD4048BMS Datasheet HTML 8Page - Intersil Corporation CD4048BMS Datasheet HTML 9Page - Intersil Corporation CD4048BMS Datasheet HTML 10Page - Intersil Corporation CD4048BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7-918
CD4048BMS
FIGURE 3. ACTUAL CIRCUIT LOGIC CONFIGURATIONS
Applications of Expand Input
FIGURE 4. 12 INPUT OR/AND GATE
FIGURE 5. 16 INPUT NOR GATE
IMPLEMETATION OF EXPAND INPUT FOR 9 OR MORE INPUTS
OUTPUT FUNCTION
FUNCTION NEEDED AT EXPAND INPUT
OUTPUT BOOLEAN EXPRESSION
NOR
OR
J=(A+B+C+D+E+F+G+H)+(EXP)
OR
OR
J=(A+B+C+D+E+F+G+H)+(EXP)
AND
NAND
J=(ABCDEFGH)
•(EXP)
NAND
NAND
J=(ABCDEFGH)
•(EXP)
OR/AND
NOR
J=(A+B+C+D)
•(E+F+G+H)•(EXP)
OR/NAND
NOR
J=(A+B+C+D)
•(E+F+G+H)•(EXP)
AND/NOR
AND
J=(ABCD)+(EFGH)+(EXP)
AND/OR
AND
J=(ABCD)+(EFGH)+(EXP)
NOTES: 1. (EXP) designates the EXPAND function (i.e., X1 + X2 + . . .XN).
2. Refer to FUNCTION TRUTH TABLE for connection of unused inputs.
Logic Diagrams (Continued)
11
12
13
14
3
4
5
6
15
Ka - Kb - Kc
0 - 0 - 0
NOR
NAND
1 - 0 - 1
1 - 0 - 0
1 - 1 - 0
0 - 1 - 1
0 - 0 - 1
0 - 1 - 0
1 - 1 - 1
AND
AND/NOR
OR/NAND
OR
AND/OR
OR/AND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
J (OUTPUT)
Kd
H
G
F
E
VSS
Kb
VDD
A
B
C
D
Ka
Kc
VSS
X1
X2
X3
X4
VDD
1/2 CD4002A
VDD
12 - INPUT OR/AND GATE
J = (A+B+C+D)
(E+F+G+H)
(X1+X2+X3+X4)
..
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OUTPUT
Kd
H1
G1
F1
E1
VSS
Kb
VDD
A1
B1
C1
D1
Ka
Kc
VDD
VSS
VSS
VDD
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
J(OUTPUT)
Kd
H2
G2
F2
E2
VSS
Kb
VDD
A2
B2
C2
D2
Ka
Kc
VSS
EXP
VDD
OR FUNCTION
16 - INPUT NOR GATE
J = A1 +B1 +C1 +D1 +E1 +F1 +G1 +H1 +A2 +B2 +C2 +D2 +E2 +F2 +G2 +H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11