전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTLF8519P3BYL 데이터시트(PDF) 7 Page - Finisar Corporation.

부품명 FTLF8519P3BYL
상세설명  2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519P3BYL 데이터시트(HTML) 7 Page - Finisar Corporation.

Back Button FTLF8519P3BYL Datasheet HTML 3Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 4Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 5Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 6Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 7Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 8Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 9Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 10Page - Finisar Corporation. FTLF8519P3BYL Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FTLF8519P3ByL Pluggable SFP Product Specification – January 2011
© Finisar Corporation Jan 19, 2011 Rev. B.4
Page 7
IX. Digital Diagnostic Specifications
FTLF8519P2xyL transceivers can be used in host systems that require either internally or
externally calibrated digital diagnostics.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Accuracy
Internally measured transceiver
temperature
DDTemperature
3
ºC
Internally measured transceiver
supply voltage
DDVoltage
100
mV
Measured TX bias current
DDBias
10
%
1
Measured TX output power
DDTx-Power
2
dB
Measured RX received average
optical power
DDRx-Power
2
dB
Dynamic Range for Rated Accuracy
Internally measured transceiver
temperature
DDTemperature
-40
85
ºC
Internally measured transceiver
supply voltage
DDVoltage
3.0
3.6
V
Measured TX bias current
DDBias
0
20
mA
Measured TX output power
DDTx-Power
-9
-2.5
dBm
Measured RX received average
optical power
DDRx-Power
-20
0
dBm
Max Reporting Range
Internally measured transceiver
temperature
DDTemperature
-40
125
ºC
Internally measured transceiver
supply voltage
DDVoltage
2.8
4.0
V
Measured TX bias current
DDBias
0
20
mA
Measured TX output power
DDTx-Power
-10
-2
dBm
Measured RX received average
optical power
DDRx-Power
-22
0
dBm
Notes:
1. Accuracy of Measured Tx Bias Current is 10% of the actual Bias Current from the laser driver to the
laser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com