| 전자부품 데이터시트 검색엔진 |
|
CDP1871AC 데이터시트(PDF) 6 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1871AC 데이터시트(HTML) 6 Page - Intersil Corporation |
|
6 / 10 page ![]() 4-71 TABLE 2. VALID N-LINE CONNECTIONS CPU CDP1871A SIGNAL CPU INPUT INSTRUCTION CS4 CS3 CS2 CS1 CDP1800- Series Signal MRD N2 N0 N1 INP5 MRD N0 N1 N2 INP3 MRD N2 N1 N0 INP6 TABLE 3. DRIVE AND SENSE LINE KEYBOARD CONNECTIONS (NOTE 2) SENSE LINES DRIVE LINES D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 S1 SP 0 ( 8 ‘ @ H H PPXX Space 801 6 8816 9016 9816 0 8 @ NUL h BS p DLE x CA N S2 !1 ) 9 A A I I Q Q Y Y 811 6 8916 9116 9916 1 9 a SOH i HT q DC1 y EM S3 “ 2 * : B B J J R R Z Z Line Feed 821 6 8A16 9216 9A16 2 : b STX j LF r DC2 z SU B S4 # 3 + ; C C KKSS { [ Escape 831 6 8B16 9316 9B16 3 ; c ETX k VT s DC3 [ ES C S5 $4 < , D D LL T T | | \ 841 6 8C16 9416 9C16 4 , d EOT I FF t DC4 \ FS S6 % 5 = - E E M M U U } ] Carriage Return 851 6 8D16 9516 9D16 5 - e ENQ m CR u NA K ]GS S7 &6 > . F F N N V V ~ ↑ 861 6 8E16 9616 9E16 6 . f ACK n SO v SY N ↑ RS S8 ‘ 7 ? / G G O O W W Del - Delete 871 6 8F16 9716 9F16 7 / g BEL o SI W ETB - US KEY: SHIFT (Note 1) ALPHA (Note 1) NORMAL CONTROL (Note 1) NOTES: 1. CONTROL overrides SHIFT and ALPHA = No Response 2. Showing ASCII outputs for all combinations with and without SHIFT, ALPHA LOCK and CONTROL. 3. Drive lines 8, 9, 10 and 11 generate non-ASCII hex values which can be used for special codes. CDP1871A, CDP1871AC |