전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDP1878CE 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 CDP1878CE
상세설명  CMOS Dual Counter-Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1878CE 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button CDP1878CE Datasheet HTML 2Page - Intersil Corporation CDP1878CE Datasheet HTML 3Page - Intersil Corporation CDP1878CE Datasheet HTML 4Page - Intersil Corporation CDP1878CE Datasheet HTML 5Page - Intersil Corporation CDP1878CE Datasheet HTML 6Page - Intersil Corporation CDP1878CE Datasheet HTML 7Page - Intersil Corporation CDP1878CE Datasheet HTML 8Page - Intersil Corporation CDP1878CE Datasheet HTML 9Page - Intersil Corporation CDP1878CE Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4-96
Bit 3 - Gate Level Select - All modes require an enabling sig-
nal on the gate to allow counter operation. This enabling sig-
nal is either a level or a pulse (edge). Positive gate level or
edge enabling is selected by writing a “1” into this bit and
negative (low) enabling is selected when bit 3 is “0”.
Bit 4 - Interrupt Enable - Setting this bit to “1” enables the
INT output, and setting it to “0” disables it. When reset, the
INT output is at a high level. If the interrupt enable bit in the
control register is enabled and the counter decrements to
zero, the INT output will go low and will not return high until
the counter-timer is reset or the selected control register is
written to. Example: If timer B times out, control register B
must be accessed to reset the INT output high. If the inter-
rupt enable bit is set to “0”, the counter’s timeout will have no
effect on the lNT output.
In mode 5, the variable-duty cycle mode, the lNT pin will
become active low when the MSB in the counter has decre-
mented to zero.
Bit 5 - Start/Stop Control - This bit controls the clock input to
the counter and must be set to “1” to enable it. Writing a “0”
into this location will halt operation of the counter. Operation
will not resume until the bit is set to “1”.
Bit 6 - Holding Register Control - Since the counter may be
decrementing during a read cycle, writing a “1” into this loca-
tion will hold a stable value in the hold register for subse-
quent read operations. Rewriting a “1” into bit 6 will cause an
update in the holding register on the next trailing clock edge.
If this location contains a “0”, the holding register will be
updated continuously by the value in the counter.
Bit 7 - Jam Enable - When this bit is set to “1 “during a write
to the control register, the 16-bit value in the jam register will
be available to the counter; TAO and TBO are reset low and
TAO and TBO are set high. On the trailing edge of the first
input clock signal with the gate valid this value will be latched
in the counter, the counter outputs TAO and TBO will be set
high and the TAO and TBO will be reset low. Setting bit 7 to
“0” will leave the counter value unaffected. This location
should be set to “0” any time a write to the control register
must be performed without changing the present counter
value. If the value in the jam register has not been changed,
writing a “1” into bit 7 of the control register with zeros in bits
0,1, and 2 (mode select) will reload the counter with the old
value and leave the mode unchanged. If the value in the jam
register is changed, then the next write to the control register
(with bit 7 a “1”) must include a valid mode select (i.e., at
least 1 of the bits 0,1, or 2 must be a ”1”).
In mode 3, the hardware start is enabled by writing a “0” into
bit 7. If a “1” is written to bit 7, the timeout will start immedi-
ately and mode 3 will resemble mode 1.
Mode Descriptions
Mode 1
After the count is loaded into the jam register and the control
register is written to with the jam-enable bit high on the trail-
ing edge of the first clock after the gate is valid, TXO goes
high and TXO goes low. The input clock decrements the
counter as long as the gate remains valid. When it reaches
zero TXO goes low and TXO goes high, and if enabled, the
interrupt output is set low. Writing to the counter while it is
decrementing has no effect on the counter value unless the
control register is subsequently written to with the jam-
enable bit high. After timeout the counter remains at FFFF
unless reloaded.
MODE
CONTROL REGISTER
GATE CONTROL
1
Timeout
Selectable High or Low
Level Enables Operation
XXXXX0 0 1
BUS 7
BUS 0
FIGURE 1. TIMEOUT (MODE 1) TIMING WAVEFORMS
STALL COUNTER
0
1
1
2
3
4
5
0
1
1
2
3
4
5
LOAD COUNT = 5
FFFF
COUNTER VALUE
CLOCK
WR CONTROL
REGISTER
GATE
TXO
INT
CDP1878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13