전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KST8550-H 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KST8550-H
상세설명  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST8550-H 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KST8550-H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST8550-H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
SMD Type
Transistors
www.kexin.com.cn
2
Typical Characteristics
KST8550
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-0.1
-1
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-0.1
-1
-10
-100
-1000
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-0.1
-1
-10
-100
-1000
10
100
0
1
-
1
-
1
-1
-10
-100
-1000
-1
-10
-100
-1000
0
0
1
-
0
1
-
1
-
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
VCE=-1V
Ta=25℃
Ta=100
oC
I
C
V
BE
——
BASE-EMMITER VOLTAGE V
BE
(mV)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
β=10
Ta=25℃
Ta=100℃
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
Ta=100℃
Ta=25℃
500
V
CE=-1V
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
C
ob
C
ib
100
-0.2
f=1MHz
I
E=0/ IC=0
Ta=25
oC
V
CB/ VEB
C
ob/ Cib
——
20
REVERSE VOLTAGE V (V)
Ta=25℃
0.2
Ta=100℃
β=10
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
VCE-10V
Ta=25
oC
I
C
fT ——
500
Pc —— Ta



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com