전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS273HMSR 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 HCS273HMSR
상세설명  Radiation Hardened Octal D Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS273HMSR 데이터시트(HTML) 9 Page - Intersil Corporation

  HCS273HMSR Datasheet HTML 1Page - Intersil Corporation HCS273HMSR Datasheet HTML 2Page - Intersil Corporation HCS273HMSR Datasheet HTML 3Page - Intersil Corporation HCS273HMSR Datasheet HTML 4Page - Intersil Corporation HCS273HMSR Datasheet HTML 5Page - Intersil Corporation HCS273HMSR Datasheet HTML 6Page - Intersil Corporation HCS273HMSR Datasheet HTML 7Page - Intersil Corporation HCS273HMSR Datasheet HTML 8Page - Intersil Corporation HCS273HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
344
HCS273MS
Die Characteristics
DIE DIMENSIONS:
108 x 106 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS273MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCS273 is TA14307B.
MR
(1)
Q0
(2)
D0
(3)
VCC
(20)
Q7
(19)
(18) D7
(17) D6
(16) Q6
(15) Q5
(14) D5
D1 (4)
Q1 (5)
Q2 (6)
D2 (7)
(8)
(9)
(10)
D3
Q3
GND
(11)
CP
(12)
Q4
(13)
D4
Spec Number
518767



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com