전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC1909 데이터시트(PDF) 7 Page - NEC

부품명 UPC1909
상세설명  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC1909 데이터시트(HTML) 7 Page - NEC

Back Button UPC1909 Datasheet HTML 3Page - NEC UPC1909 Datasheet HTML 4Page - NEC UPC1909 Datasheet HTML 5Page - NEC UPC1909 Datasheet HTML 6Page - NEC UPC1909 Datasheet HTML 7Page - NEC UPC1909 Datasheet HTML 8Page - NEC UPC1909 Datasheet HTML 9Page - NEC UPC1909 Datasheet HTML 10Page - NEC UPC1909 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet G14309EJ1V0DS00
7
µµµµPC1909
−25
tf, tr vs. TA (OUT1)
0
20
40
60
80
100
050
25
75
100
TA - Ambient Temperature -
°C
fosc vs. RT, CT
10
50
500
100
1000
50
100
RT - Timing Resistance - k
Ω
CT = 220 pF
CT = 470 pF
CT = 1000 pF
fOSC = 555 kHz
−25
−30
−20
−10
VREF vs. TA
∆
10
0
20
30
050
25
75
100
TA - Ambient Temperature -
°C
−25
175
180
185
190
195
200
205
210
215
220
fosc vs. TA
225
050
25
75
100
TA - Ambient Temperature -
°C
–25
1.45
1.49
1.53
VCC
VCC
VOH, VOL vs. TA
VCC
050
25
75
100
TA - Ambient Temperature -
°C
− 1
− 1.5
− 2
tr
tf
−25
tf, tr vs. TA (OUT2)
0
20
40
60
80
100
050
25
75
100
TA - Ambient Temperature -
°C
fOSC = 555 kHz
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com