전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC2533 데이터시트(PDF) 2 Page - NEC

부품명 UPC2533
상세설명  AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC2533 데이터시트(HTML) 2 Page - NEC

  UPC2533 Datasheet HTML 1Page - NEC UPC2533 Datasheet HTML 2Page - NEC UPC2533 Datasheet HTML 3Page - NEC UPC2533 Datasheet HTML 4Page - NEC UPC2533 Datasheet HTML 5Page - NEC UPC2533 Datasheet HTML 6Page - NEC UPC2533 Datasheet HTML 7Page - NEC UPC2533 Datasheet HTML 8Page - NEC UPC2533 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
µPC2533
Ordering Information
Part Number
Package
µPC2533GS-01
36-pin plastic shrink SOP (300 mil)
µPC2533GS-02
36-pin plastic shrink SOP (300 mil)
Block Diagram
Remarks 1. Bold lines indicate flow of audio signal.
2.
µPC2533GS-02 pin names are in parentheses. Pins not in parentheses are used in both the
µPC2533GS-01 and µPC2533GS-02.
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
36
23
456
7
1
8
9
10
11
12
13
1415161718
RF AGC
driver
MIX 1
Buff 1
MIX 2
Buff 2
RF AGC
detector
MIX 2
AGC
IF
amplifier
AGC
comparator
Time constant
selector switch
IF
AGC
LO/DX
OSC
Buff
Station
detector
OSC 1
SEEK
Signal
meter
OSC 2
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36