| 전자부품 데이터시트 검색엔진 |
|
RD110EB2 데이터시트(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
RD110EB2 데이터시트(HTML) 2 Page - NEC |
|
2 / 12 page ![]() RD2.0E to RD200E 2 ELECTRICAL CHARACTERISTICS (TA = 25 ˚C) Zener Voltage Dynamic Knee Dynamic Reverse Current Type Suffix VZ (V)Note 1 Impedance Impedance IR ( µA) Number ZZ ( Ω)Note 2 ZZK ( Ω)Note 2 MIN. MAX. IZ (mA) MAX. IZ (mA) MAX. IZ (mA) MAX. VR(V) B 1.88 2.20 RD2.0E B1 1.88 2.10 20 140 20 2 000 1 120 0.5 B2 2.02 2.20 B 2.12 2.41 RD2.2E B1 2.12 2.30 20 120 20 2 000 1 120 0.7 B2 2.22 2.41 B 2.33 2.63 RD2.4E B1 2.33 2.52 20 100 20 2 000 1 120 1.0 B2 2.43 2.63 B 2.54 2.91 RD2.7E B1 2.54 2.75 20 100 20 1 000 1 100 1.0 B2 2.69 2.91 B 2.85 3.22 RD3.0E B1 2.85 3.07 20 80 20 1 000 1 50 1.0 B2 3.01 3.22 B 3.16 3.53 RD3.3E B1 3.16 3.38 20 70 20 1 000 1 20 1.0 B2 3.32 3.53 B 3.47 3.83 RD3.6E B1 3.47 3.68 20 60 20 1 000 1 10 1.0 B2 3.62 3.83 B 3.77 4.14 RD3.9E B1 3.77 3.98 20 50 20 1 000 1 5 1.0 B2 3.92 4.14 B 4.05 4.53 RD4.3E B1 4.05 4.26 20 40 20 1 000 1 5 1.0 B2 4.20 4.40 B3 4.34 4.53 B 4.47 4.91 RD4.7E B1 4.47 4.65 20 25 20 900 1 5 1.0 B2 4.59 4.77 B3 4.71 4.91 B 4.85 5.35 RD5.1E B1 4.85 5.03 20 20 20 800 1 5 1.5 B2 4.97 5.18 B3 5.12 5.35 B 5.29 5.88 RD5.6E B1 5.29 5.52 20 13 20 500 1 5 2.5 B2 5.46 5.70 B3 5.64 5.88 B 5.81 6.40 RD6.2E B1 5.81 6.06 20 10 20 300 1 5 3.0 B2 5.99 6.24 B3 6.16 6.40 B 6.32 6.97 RD6.8E B1 6.32 6.59 20 8 20 150 0.5 2 3.5 B2 6.52 6.79 B3 6.70 6.97 |