전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF830S 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 IRF830S
상세설명  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF830S 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF830S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
■
Electrical Characteristics Ta = 25℃
Note.1: Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
500
V
VDS=500V, VGS=0V
25
VDS=400V, VGS=0V,TJ=125℃
250
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
2
4
V
Static Drain-Source On-Resistance
RDS(On)
VGS=10V, ID=2.7A
(Note.1)
1.5
Ω
Forward Transconductance
gFS
VDS=50V, ID=2.7A
(Note.1)
2.5
S
Input Capacitance
Ciss
610
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
68
Total Gate Charge
Qg
38
Gate Source Charge
Qgs
5
Gate Drain Charge
Qgd
22
Internal Drain Inductance
LD
4.5
Internal Source Inductance
LS
7.5
Turn-On DelayTime
td(on)
8.2
Turn-On Rise Time
tr
16
Turn-Off DelayTime
td(off)
42
Turn-Off Fall Time
tf
16
Body Diode Reverse Recovery Time
trr
640
Body Diode Reverse Recovery Charge
Qrr
2
uC
Continuous Source-Drain Diode Current
IS
4.5
Pulsed Diode Forward Current
ISM
18
Diode Forward Voltage
VSD
IS=4.5A,VGS=0V,TJ = 25°C
1.6
V
VGS=10V, VDS=400V, ID=3.1A
pF
nC
TJ = 25°C, IF = 3.1A, dI/dt = 100A/μs
ns
A
Zero Gate Voltage Drain Current
IDSS
uA
nH
VDD = 250 V, ID = 3.1 A,
Rg = 12Ω, RD = 79Ω
(Note.1)
VGS=0V, VDS=25V, f=1MHz
Between lead,
6 mm (0.25") from
package and center of
die contact
D
S
G
MOSFET symbol
showing the
integral reverse
p - n junction diode
S
D
G
N-Channel MOSFET
IRF830S (KRF830S)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com