전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-26CT32RH-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 HS-26CT32RH-T
상세설명  Radiation Hardened Quad Differential Line Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-26CT32RH-T 데이터시트(HTML) 1 Page - Intersil Corporation

  HS-26CT32RH-T Datasheet HTML 1Page - Intersil Corporation HS-26CT32RH-T Datasheet HTML 2Page - Intersil Corporation HS-26CT32RH-T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
HS-26CT32RH-T
Radiation Hardened
Quad Differential Line Receiver
Intersil’s Satellite Applications FlowTM (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
The Intersil HS-26CT32RH-T is a Quad Differential Line
Receiver designed for digital data transmission over
balanced lines and meets the requirements of EIA Standard
RS-422. Radiation Hardened CMOS processing assures low
power consumption, high speed, and reliable operation in
the most severe radiation environments.
The HS-26CT32RH-T has an input sensitivity of 200mV (typ.)
over the common mode input voltage range of
±7V. The
receivers are also equipped with input fail safe circuitry, which
causes the outputs to go to a logic “1” when the inputs are
open. TTL compatible Enable and Disable functions are
common to all four receivers.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-26CT32RH-T
are contained in SMD 5962-95631. A “hot-link” is provided
from our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose . . . . . . . . . . . . . . . . . . . . 1 x 105 RAD(Si)
- SEU and SEL . . . . . . . . . . Immune to 100MeV/mg/cm2
• EIA RS-422 Compatible Inputs
• TTL Compatible Enable Inputs
• Input Fail Safe Circuitry
• High Impedance Inputs when Disabled or Powered Down
• Low Power Dissipation 138mW Standby (Max)
• Single 5V Supply
• Full -55oC to 125oC Military Temperature Range
Pinouts
HS1-26CT32RH-T (SBDIP) CDIP2-T16
TOP VIEW
HS9-26CT32RH-T (FLATPACK), CDFP4-F16
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE (oC)
5962R9563101TEC
HS1-26CT32RH-T
-55 to 125
HS1-26CT32RH/Proto
HS1-26CT32RH/Proto
-55 to 125
5962R9563101TXC
HS9-26CT32RH-T
-55 to 125
HS9-26CT32RH/Proto
HS9-26CT32RH/Proto
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AIN
AIN
AOUT
ENABLE
COUT
CIN
GND
CIN
VDD
BIN
BOUT
ENABLE
DOUT
DIN
DIN
BIN
AIN
AIN
AOUT
ENABLE
COUT
CIN
CIN
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VDD
BIN
BIN
BOUT
ENABLE
DOUT
DIN
DIN
Data Sheet
July 1999
File Number
4593.1


유사한 부품 번호 - HS-26CT32RH-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HS-26CT32RH-T RENESAS-HS-26CT32RH-T Datasheet
250Kb / 3P
Radiation HardenedQuad Differential Line Receiver
July 1999
More results

유사한 설명 - HS-26CT32RH-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
Radiation Hardened Quad Differential Line Receiver
August 1, 2008
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
Radiation Hardened Quad Differential Line Receiver
August 7, 2008
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com