전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS7801D-1A 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 PS7801D-1A
상세설명  4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7801D-1A 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button PS7801D-1A Datasheet HTML 3Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 4Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 5Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 6Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 7Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 8Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 9Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 10Page - Renesas Technology Corp PS7801D-1A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
–25
0
25
50
75
85
100
100
80
60
40
0
20
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
f = 1 MHz
10
20
30
40
50
1.0
0.8
0.6
0.4
0.2
0
Applied Voltage VD (V)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
020
40
60
80
100
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
10
–13
VD = 40 V
Ambient Temperature TA (˚C)
OFF-STATE LEAKAGE CURRENT vs.
AMBIENT TEMPERATURE
IF = 5 mA
–3.0
–2.0
–1.0
1.0
2.0
3.0
0
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
Ambient Temperature TA (˚C)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
160
120
80
40
0
–25
0
25
50
75
100
85
150
100
50
–50
–100
–150
1 mA
5 mA
20 mA
30 mA
IF = 50 mA
10 mA
–25
0
25
50
75
100
1.6
1.4
1.2
1.0
0.8
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
Remark The graphs indicate nominal characteristics.
<R>
Data Sheet PN10551EJ03V0DS
5
PS7801D-1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com