| 전자부품 데이터시트 검색엔진 |
|
UPC4094G2 데이터시트(PDF) 4 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC4094G2 데이터시트(HTML) 4 Page - NEC |
|
4 / 12 page ![]() 4 µµµµPC4094 TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25 °C, TYP.) 20 600 500 400 300 200 100 0 −5 0 0 10 20 30 40 10 20 30 −4 −3 −2 −1 0 0.01 0.1 1.0 10 100 1 2 3 4 5 0 20 40 60 80 100 120 100 1 k 10 k ±10 ±20 100 k 1 M 10 M −40 −20 0 20 TA - Operating Ambient Temperature - °C INPUT OFFSET VOLTAGE INPUT BIAS CURRENT TA - Operating Ambient Temperature - °C 40 60 80 1 −20 0 20406080 100 10 k 1 M 1 k 10 100 k 10 M 40 60 80 100 RL = 10 k Ω RL = 10 k Ω PC4094G2 PC4094C TA - Operating Ambient Temperature - °C f - Frequency - Hz V± - Supply Voltage - V LARGE SIGNAL FREQUENCY RESPONSE OUTPUT VOLTAGE SWING f - Frequency - Hz POWER DISSIPATION OPEN LOOP FREQUENCY RESPONSE V± = ±15 V RL = 2 k Ω V± = ±15 V V± = ±15 V V± = ±15 V V± = ±10 V V± = ±5 V µ µ 200 °C/W 227 °C/W |