전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK-SATA-SP-075-R 데이터시트(PDF) 1 Page - Assmann Electronics Inc.

부품명 AK-SATA-SP-075-R
상세설명  Serial ATA (SATA) to Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASSMANN [Assmann Electronics Inc.]
홈페이지  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-SATA-SP-075-R 데이터시트(HTML) 1 Page - Assmann Electronics Inc.

  AK-SATA-SP-075-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-SATA-SP-075-R
Serial ATA (SATA) to Power Supply
Connection Cable - 0.75 Meter
Complaint
RoHS
rev00
Material:
• Cable (SATA): UL2725 [26AWG(1/0.404)*2+D(1/0.32)*2+AL]*2F
- OD 2.2*7.8MM
- Jacket Red (RD-16#)
• Cable: UL1007 18AWG(41/0.16 TC)
- OD 2.0MM
- Jacket Red, Yellow and Black
• P1/P3 Connector: Serial ATA 7-pin/Female + 15-pin/Female Crimp Type
- Insulator Black PBT
• P2 Connector: Serial ATA 7-pin/Female Crimp Type
- Insulator Black PBT
• P4 Connector: Big 4-pin Housing/Female
- PH=5.08MM, White
- Tin plated
• Jacket (outer): PVC 45P, Black
Electrical:
• 100% Open, Short, MisWire Test
• Hi-Pot test: 300V DC
Unit: MM±0.10MM
P1
P3
P2
P4
750MM±10MM
Pin 1
Pin 7
Pin 1
Pin 15
160MM±10MM
4
1
Pin 1
Pin 7
Pin Assignment
P1
1
2
3
4
5
6
7
P2
1
2
3
4
5
6
7
GND
GND
GND
P3
13
14
15
10
11
12
4
5
6
7
8
9
P4
1
2
3
4
YELLOW
BLACK
BLACK
RED


유사한 부품 번호 - AK-SATA-SP-075-R

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
More results

유사한 설명 - AK-SATA-SP-075-R

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
SATAAPLSMT ADAM-TECH-SATAAPLSMT Datasheet
129Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Assmann Electronics Inc...
AK-SATA-015-R ASSMANN-AK-SATA-015-R Datasheet
62Kb / 1P
Serial ATA (SATA) Connection Cable - 0.15 Meter
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-100-R ASSMANN-AK-SATA-100-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-PC-015-R ASSMANN-AK-SATA-PC-015-R Datasheet
84Kb / 1P
Serial ATA Power Supply Cable
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Tripp Lite. All Rights ...
P94406I TRIPPLITE-P94406I Datasheet
465Kb / 2P
Serial ATA (SATA) Power Cable (4Pin Molex to 15pin), 6-in
logo
Adam Technologies, Inc.
SATA-D-PL-SMT-S ADAM-TECH-SATA-D-PL-SMT-S Datasheet
95Kb / 1P
SATA CONNECTORS SERIAL ATA
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com