전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFP8P06LE 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 RFP8P06LE
상세설명  8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP8P06LE 데이터시트(HTML) 4 Page - Intersil Corporation

  RFP8P06LE Datasheet HTML 1Page - Intersil Corporation RFP8P06LE Datasheet HTML 2Page - Intersil Corporation RFP8P06LE Datasheet HTML 3Page - Intersil Corporation RFP8P06LE Datasheet HTML 4Page - Intersil Corporation RFP8P06LE Datasheet HTML 5Page - Intersil Corporation RFP8P06LE Datasheet HTML 6Page - Intersil Corporation RFP8P06LE Datasheet HTML 7Page - Intersil Corporation RFP8P06LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-14
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified
-30
-10
-1
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 150
oC
STARTING TJ = 25
oC
If R = 0
tAV = (L) (IAS) / (1.3RATED BVDSS - VDD)
If R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
0
0
-1.5
-3.0
-4.5
-7.5
-10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
VGS = -10V
-6.0
VGS = -4.5V
VGS = -3V
VGS = -5V
-20
-30
-15
-25
-5
PULSE DURATION = 250
µs
TC = 25
oC
DUTY CYCLE = 0.5% MAX
0
-3.0
-4.5
-6.0
-7.5
-1.5
0
-10
175oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = -15V
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
25oC
-20
-30
-25
-15
-5
ID = -8A
ID = -4A
ID = -2A
ID = -1A
200
300
400
500
600
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
2.25
1.25
1.00
0.75
0.50
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.50
80
1.75
2.00
160
200
-80
VGS = -5V, ID = -8A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
2.0
1.05
1.0
0.95
0.9
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.1
80
1.15
-80
160
200
ID = -250µA
RFD8P06LE, RFD8P06LESM, RFP8P06LE



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com