전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCPA14 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 BCPA14
상세설명  NPN Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCPA14 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCPA14_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCPA14_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCPA14
NPN Silicon
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
ELECTRICAL CHARACTERISTICS (Tamb=25 C)
o
P
Symbol
Min. Typ. Max. Unit
arameter
Collector-Base Breakdown Voltage
IC=100uA, IE=0
IC= 100uA, IB=0
IE=10uA, IC=0
VCB=30V, IE=0
VCB=10V,f=1MHz,IE=0
IC=100mA, IB=0.1mA
VCE=5V, IC=10mA
VCE=5V, IC=100mA
VCE=5V, IC =10mA, f=100MHz
BVCBO
30
V
Collector-Emitter Breakdown Voltage
BVCEO
BVEBO
V
V
10
20K
nA
Emitter-Base Breakdown Voltage
10K
pF
ICBO
Cob
*VCE(sat)
*VBE(on)
*hFE1
*hFE2
fT
-
-
-
-
-
6
-
-
-
-
-
125
-
-
-
-
-
-
-
2.0
1.5
100
100
MHz
V
V
Collector Cut-off Current
Collector Output Capacitance
Collector-Emitter Saturation Voltage
Base-Emitter Voltage, On
DC Current Gain
DC Current Gain
Transition Frequency
*Pulse Test: Pulse Width 380us, Duty Cycle 2%
30
Test Conditions
VCE=5V, IC=100mA
Collector Cut-off Current
ICEO
-
-
-
-
-
nA
VEB=10V, IC=0
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The BCPA14 is a Darlington amplifier transistor designed
for applications requiring exremely high current gain.
Absolute Maximum Ratings at TA=25 C
Collector to Base Voltage
Emitter to Base Voltage
Collect Current
Total Power Dissipation
Operating Junction and Storage Temperature Range
mA
V
V
V
IC
C
W
VCBO
VCEO
PD
Tj, Tstg
30
30
10
500
1.0
-55~+150
Parameter
Symbol
Ratings
Unit
o
o
Collector to Emitter Voltage
VEBO
01-Jun-2002 Rev. A
Page 1 of 2


유사한 부품 번호 - BCPA14_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
More results

유사한 설명 - BCPA14_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBT3904 LRC-MMBT3904 Datasheet
265Kb / 6P
NPN SILICON
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
SILICON NPN
logo
Guilin Strong Micro-Ele...
GMM28S GSME-GMM28S_15 Datasheet
222Kb / 2P
NPN silicon
logo
Leshan Radio Company
LBTN180D3T1G LRC-LBTN180D3T1G Datasheet
1Mb / 3P
NPN Silicon
logo
SHIKUES Electronics
MMBT2907 SKTECHNOLGY-MMBT2907 Datasheet
1Mb / 4P
NPN Silicon
MMBT3904 SKTECHNOLGY-MMBT3904 Datasheet
1Mb / 5P
NPN Silicon
MMBT3906 SKTECHNOLGY-MMBT3906 Datasheet
1Mb / 6P
NPN Silicon
MMBTA42 SKTECHNOLGY-MMBTA42 Datasheet
1Mb / 4P
NPN Silicon
logo
List of Unclassifed Man...
D600K ETC-D600K Datasheet
165Kb / 1P
NPN silicon
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com