전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC8001 데이터시트(PDF) 21 Page - NEC

부품명 UPC8001
상세설명  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC8001 데이터시트(HTML) 21 Page - NEC

Back Button UPC8001 Datasheet HTML 14Page - NEC UPC8001 Datasheet HTML 15Page - NEC UPC8001 Datasheet HTML 16Page - NEC UPC8001 Datasheet HTML 17Page - NEC UPC8001 Datasheet HTML 18Page - NEC UPC8001 Datasheet HTML 19Page - NEC UPC8001 Datasheet HTML 20Page - NEC UPC8001 Datasheet HTML 21Page - NEC UPC8001 Datasheet HTML 22Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
µPC8001
21
Precautions Against Static Electricity
Caution
When handling the device, be careful to protect it from static electricity. exposure to a strong
static electricity charge may destroy internal transistor junctions. During transportation and
storage, place the device in the conductive tray or case originally provided by NEC for shipping,
or conductive shock absorbing material, metal case, etc. During assembly, be sure to ground
the device. Be careful not to place the device on a plastic board and do not touch the device's
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22