| 전자부품 데이터시트 검색엔진 |
|
OP284 데이터시트(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP284 데이터시트(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() OP184/OP284/OP484 Rev. J | Page 21 of 24 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MS-001 CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS. 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) SEATING PLANE 0.015 (0.38) MIN 0.210 (5.33) MAX 0.150 (3.81) 0.130 (3.30) 0.115 (2.92) 0.070 (1.78) 0.060 (1.52) 0.045 (1.14) 8 1 4 5 0.280 (7.11) 0.250 (6.35) 0.240 (6.10) 0.100 (2.54) BSC 0.400 (10.16) 0.365 (9.27) 0.355 (9.02) 0.060 (1.52) MAX 0.430 (10.92) MAX 0.014 (0.36) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.195 (4.95) 0.130 (3.30) 0.115 (2.92) 0.015 (0.38) GAUGE PLANE 0.005 (0.13) MIN Figure 60. 8-Lead Plastic Dual In-Line Package [PDIP] (N-8) P-Suffix Dimensions shown in inches and (millimeters) COMPLIANT TO JEDEC STANDARDS MS-001 CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS. 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.070 (1.78) 0.050 (1.27) 0.045 (1.14) 14 1 7 8 0.100 (2.54) BSC 0.775 (19.69) 0.750 (19.05) 0.735 (18.67) 0.060 (1.52) MAX 0.430 (10.92) MAX 0.014 (0.36) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.015 (0.38) GAUGE PLANE 0.210 (5.33) MAX SEATING PLANE 0.015 (0.38) MIN 0.005 (0.13) MIN 0.280 (7.11) 0.250 (6.35) 0.240 (6.10) 0.195 (4.95) 0.130 (3.30) 0.115 (2.92) Figure 61. 14-Lead Plastic Dual In-Line Package [PDIP] (N-14) P-Suffix Dimensions shown in inches and (millimeters) |