전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MURA115 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 MURA115
상세설명  1.0A Surface Mount Super Fast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MURA115 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  MURA115 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MURA115 Datasheet HTML 2Page - SUNMATE electronic Co., LTD MURA115 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0A Surface Mount Super Fast Rectifier
C
MURA115/MURA120
·
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
·
·
·
·
·
·
·
·
·
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
1of2
,
Small Compact Surface Mountable Package with J-Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.71 Volts Max @ 1.0 A, TJ = 150°C)
Case: Epoxy, Molded
Weight: 70 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
Shipped in 12 mm Tape and Reel, 5000 units per reel
Polarity: Polarity Band Indicates Cathode Lead
ESD Protection: Human Body Model > 4000 V (Class 3)
ESD Protection: Machine Model > 400 V (Class C)
Marking: U4C, U4D
·
·
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA115T3
MURA120T3
VRRM
VRWM
VR
150
200
V
Average Rectified Forward Current
@ TL = 155°C
@ TL = 135°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
40
A
Operating Junction Temperature Range
TJ
- 65 to
+175
°
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 1.0 A, TJ = 25°C)
(iF = 1.0 A, TJ = 150°C)
vF
0.875
0.71
Volts
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 150°C)
iR
2.0
50
µA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/µs)
trr
35
ns
1. Rating applies when surface mounted on the minimum pad size recommended, PC Board FR-4.
2. In compliance with JEDEC 51, these values (historically represented by RθJL) are now referenced as PsiJL.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2.0%.


유사한 부품 번호 - MURA115

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115 ONSEMI-MURA115 Datasheet
143Kb / 6P
Surface Mount Ultrafast Power Rectifiers
February, 2017 - Rev. 10
MURA115 ONSEMI-MURA115 Datasheet
182Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 100-200 V
August, 2023 - Rev. 12
logo
Shanghai Shunye Electro...
MURA115 SHUNYE-MURA115 Datasheet
498Kb / 3P
ULTRAFAST AVALANCHE RECTIFIERS
V2.22
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
More results

유사한 설명 - MURA115

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com