| 전자부품 데이터시트 검색엔진 |
|
MODBUSCARD 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
MODBUSCARD 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() MODBUS Management Accessory Card for UPS Remote Monitoring and Control MODEL NUMBER: MODBUSCARD Description Tripp Lite's MODBUSCARD provides UPS systems with the functionality of communication with PCs via MODBUS. Implements MODBUS RTU protocol. Provides MODBUS functions including Read Coils, Discrete Inputs, Holding Registers, Input Registers, Write Single Coil and Single Register. Provides RS-422/485 and RS-232 interfaces (PC communicates with UPS via RS-422/485 or RS-232 or both at the same time). Three sets of 8 dipswitches support Card ID, RS-232 and RS-422/485 configurations. Includes RS-422/485 and RS-232 communications ports. See manual for detailed setup instructions and full set of functions and configuration options. Compatible with select Tripp Lite SmartOnline series UPS models only. Features Specifications OVERVIEW Model Type Hardware PHYSICAL Shipping Dimensions (hwd / in.) 1.6 x 6 x 6 Shipping Dimensions (hwd / cm) 4.1 x 15.2 x 15.2 Shipping Weight (lbs.) .55 Shipping Weight (kg) .25 Unit Dimensions (hwd / in.) .6 x 2.4 x 5.3 Unit Dimensions (hwd / cm) 1.5 x 6.1 x 13.5 Unit Weight (lbs.) .11 Highlights Internal MODBUS management accessory card Simple installation and setup Implements MODBUS RTU protocol Provides RS-422/485 and RS-232 interfaces Applications Package Includes MODBUSCARD Installation Guide 1 / 2 |
유사한 부품 번호 - MODBUSCARD |
|
유사한 설명 - MODBUSCARD |