| 전자부품 데이터시트 검색엔진 |
|
MM3Z2V2 데이터시트(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
|
|||||||||||||||||||||||||||||
MM3Z2V2 데이터시트(HTML) 2 Page - SUNMATE electronic Co., LTD |
|
2 / 2 page ![]() Zener Voltage Range 1) Dynamic Impedance 2) Reverse Leakage Current lZT for VZT ZZT (Max.) at IZT IR (Max.) at VR Type Marking Code Vznom V mA V Ω mA μA V MM3Z2V0 B0 2.0 5 1.8...2.15 100 5 120 0.5 MM3Z2V2 C0 2.2 5 2.08...2.33 100 5 120 0.7 MM3Z2V4 1C 2.4 5 2.28...2.56 100 5 120 1 MM3Z2V7 1D 2.7 5 2.5...2.9 110 5 120 1 MM3Z3V0 1E 3.0 5 2.8...3.2 120 5 50 1 MM3Z3V3 1F 3.3 5 3.1...3.5 130 5 20 1 MM3Z3V6 1H 3.6 5 3.4...3.8 130 5 10 1 MM3Z3V9 1J 3.9 5 3.7...4.1 130 5 5 1 MM3Z4V3 1K 4.3 5 4...4.6 130 5 5 1 MM3Z4V7 1M 4.7 5 4.4...5 130 5 2 1 MM3Z5V1 1N 5.1 5 4.8...5.4 130 5 2 1.5 MM3Z5V6 1P 5.6 5 5.2...6 80 5 1 2.5 MM3Z6V2 1R 6.2 5 5.8...6.6 50 5 1 3 MM3Z6V8 1X 6.8 5 6.4...7.2 30 5 0.5 3.5 MM3Z7V5 1Y 7.5 5 7...7.9 30 5 0.5 4 MM3Z8V2 1Z 8.2 5 7.7...8.7 30 5 0.5 5 MM3Z9V1 2A 9.1 5 8.5...9.6 30 5 0.5 6 MM3Z10 2B 10 5 9.4...10.6 30 5 0.1 7 MM3Z11 2C 11 5 10.4...11.6 30 5 0.1 8 MM3Z12 2D 12 5 11.4...12.7 35 5 0.1 9 MM3Z13 2E 13 5 12.4...14.1 35 5 0.1 10 MM3Z15 2F 15 5 13.8...15.6 40 5 0.1 11 MM3Z16 2H 16 5 15.3...17.1 40 5 0.1 12 MM3Z18 2J 18 5 16.8...19.1 45 5 0.1 13 MM3Z20 2K 20 5 18.8...21.2 50 5 0.1 15 MM3Z22 2M 22 5 20.8...23.3 55 5 0.1 17 MM3Z24 2N 24 5 22.8...25.6 60 5 0.1 19 MM3Z27 2P 27 5 25.1...28.9 70 2 0.1 21 MM3Z30 2R 30 5 28...32 80 2 0.1 23 MM3Z33 2X 33 5 31...35 80 2 0.1 25 MM3Z36 2Y 36 5 34...38 90 2 0.1 27 MM3Z39 2Z 39 2.5 37...41 100 2 2 30 MM3Z43 3A 43 2.5 40...46 130 2 2 33 MM3Z47 3B 47 2.5 44...50 150 2 2 36 MM3Z51 3C 51 2.5 48...54 180 2 1 39 MM3Z56 3D 56 2.5 52...60 180 2 1 43 MM3Z62 3E 62 2.5 58...66 200 2 0.2 47 MM3Z68 3F 68 2.5 64...72 250 2 0.2 52 MM3Z75 3H 75 2.5 70...79 300 2 0.2 57 1) V Z is tested with pulses (20 ms). 2) Z ZT is measured at IZ by given a very small A.C. current signal. 2of2 |