| 전자부품 데이터시트 검색엔진 |
|
NP15P06SLG-E1-AYNote 데이터시트(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NP15P06SLG-E1-AYNote 데이터시트(HTML) 8 Page - Renesas Technology Corp |
|
8 / 9 page ![]() Data Sheet D19078EJ2V0DS 6 NP15P06SLG PACKAGE DRAWING (Unit: mm) TO-252 (MP-3ZK) 6.5 ±0.2 2.3 ±0.1 0.5 ±0.1 0.76 ±0.12 0 to 0.25 0.5 ±0.1 1.0 No Plating No Plating 5.1 TYP. 4.3 MIN. 1 4 23 1.14 MAX. 2.3 2.3 1. Gate 2. Drain 3. Source 4. Fin (Drain) EQUIVALENT CIRCUIT Source Body Diode Gate Protection Diode Gate Drain Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device. |