전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16633B 데이터시트(PDF) 3 Page - NEC

부품명 UPD16633B
상세설명  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD16633B 데이터시트(HTML) 3 Page - NEC

  UPD16633B Datasheet HTML 1Page - NEC UPD16633B Datasheet HTML 2Page - NEC UPD16633B Datasheet HTML 3Page - NEC UPD16633B Datasheet HTML 4Page - NEC UPD16633B Datasheet HTML 5Page - NEC UPD16633B Datasheet HTML 6Page - NEC UPD16633B Datasheet HTML 7Page - NEC UPD16633B Datasheet HTML 8Page - NEC UPD16633B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
µµµµPD16633B
3. PIN CONFIGURATION (
µµµµPD16633BN-×××
×××
×××
×××) (Copper Plated surface)
VSS2
VDD2
VSS1
R/L
POL
STB
D55
D54
D53
D52
D51
D50
D45
D44
D43
D42
D41
D40
D35
D34
D33
D32
D31
STHL
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
CLK
STHR
D30
D25
D24
D23
D22
D21
D20
D15
D14
D13
D12
D11
D10
D05
D04
D03
D02
D01
D00
POL2
TEST
VDD1
VDD2
VSS2
S312
S311
S310
S309
S4
S3
S2
S1
Caution This figure does not specify the TCP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20