| 전자부품 데이터시트 검색엔진 |
|
R5F21346CDFP 데이터시트(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F21346CDFP 데이터시트(HTML) 49 Page - Renesas Technology Corp |
|
49 / 57 page ![]() R8C/34C Group 5. Electrical Characteristics R01DS0007EJ0100 Rev 1.00 Page 49 of 54 Aug. 24, 2010 i = 0 to 2 Figure 5.14 Serial Interface Timing Diagram when VCC = 3 V Notes: 1. When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock frequency × 3) or the minimum value of standard, whichever is greater. 2. When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock frequency × 3) or the minimum value of standard, whichever is greater. Figure 5.15 Input Timing Diagram for External Interrupt INTi and Key Input Interrupt KIi when Vcc = 3 V Table 5.27 Serial Interface Symbol Parameter Standard Unit Min. Max. tc(CK) CLKi input cycle time 300 − ns tW(CKH) CLKi input “H” width 150 − ns tW(CKL) CLKi Input “L” width 150 − ns td(C-Q) TXDi output delay time − 80 ns th(C-Q) TXDi hold time 0 − ns tsu(D-C) RXDi input setup time 70 − ns th(C-D) RXDi input hold time 90 − ns Table 5.28 External Interrupt INTi (i = 0 to 4) Input, Key Input Interrupt KIi (i = 0 to 3) Symbol Parameter Standard Unit Min. Max. tW(INH) INTi input “H” width, KIi input “H” width 380 (1) − ns tW(INL) INTi input “L” width, KIi input “L” width 380 (2) − ns tW(CKH) tC(CK) tW(CKL) th(C-Q) th(C-D) tsu(D-C) td(C-Q) CLKi TXDi RXDi VCC = 3 V i = 0 to 2 tW(INL) tW(INH) VCC = 3 V INTi input (i = 0 to 4) KIi input (i = 0 to 3) |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |