| 전자부품 데이터시트 검색엔진 |
|
P162000 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
P162000 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() DVI Coupler Gender Changer (F/F) MODEL NUMBER: P162-000 Description Compact DVI F/F gender changer is designed to allow you to change a DVI-M port into a DVI-F port. Can also be used to extend a DVI cable. Gold plated contacts offer superior conductivity. Features Compact, low profile gender changer Gold plated contacts for superior conductivity DVI female to DVI female Specifications OVERVIEW Chromebook Compatible No Display Style Gender Changer Model Type DVI PHYSICAL Color Beige CONNECTIONS Connector A DVI-I (FEMALE) Connector B DVI-I (FEMALE) Number of Connectors 2 Highlights Change Male ended DVI cable to Female Extend two DVI cables Package Includes DVI-I/F to DVI-I/F Gender Changer/Adapter 1 / 2 |
유사한 설명 - P162000 |