전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16675AW 데이터시트(PDF) 28 Page - NEC

부품명 UPD16675AW
상세설명  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD16675AW 데이터시트(HTML) 28 Page - NEC

Back Button UPD16675AW Datasheet HTML 24Page - NEC UPD16675AW Datasheet HTML 25Page - NEC UPD16675AW Datasheet HTML 26Page - NEC UPD16675AW Datasheet HTML 27Page - NEC UPD16675AW Datasheet HTML 28Page - NEC UPD16675AW Datasheet HTML 29Page - NEC UPD16675AW Datasheet HTML 30Page - NEC UPD16675AW Datasheet HTML 31Page - NEC UPD16675AW Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
µµµµPD16675A
Switching Characteristics
(Unless otherwise specified, TA =
−−−−40 to ++++85°°°°C, VDD1 = 2.7 to 3.3 V, VCHA = H: VDD2 = 2.7 to 3.6 V or VCHA = L:
VDD2 = 2.7 to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Oscillation frequency
fOSC
Self-oscillation
21
30
50
kHz
Transfer delay time
tPHL
SCK
↓→DATA↓
100
ns
tPLH
SCK
↓→DATA↑
300
ns
Remark The TYP. value is a reference value when TA = 25
°C.
The time for one frame is obtained with the following formula.
1 frame = 1/fOSC
× 8 × number of duties
If fOSC = 30 kHz and 1/34 duty, then the result is:
1 frame = 33
µs × 8 × 34 = 9.1 ms
Required Conditions for Timing
(Unless otherwise specified, TA =
−−−−40 to ++++85°°°°C, VDD1 = 2.7 to 3.3 V, VCHA = H: VDD2 = 2.7 to 3.6 V or VCHA = L:
VDD2 = 2.7 to 5.5 V)
(1) Common
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock frequency
fOSC
OSCIN external clock
20
30
50
kHz
High level clock pulse width
tWHC1
OSCIN external clock
10
25
µs
Low level clock pulse width
tWLC1
OSCIN external clock
10
25
µs
High level clock pulse width
tWHC2
OSCBRI external clock
400
ns
Low level clock pulse width
tWLC2
OSCBRI external clock
400
ns
Rise/fall time
tr, tf
OSCBRI external clock
100
ns
Reset pulse width
tWRE
Reset pin
1.0
µs
Remark The TYP. value is a reference value when TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36