전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16680P 데이터시트(PDF) 4 Page - NEC

부품명 UPD16680P
상세설명  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD16680P 데이터시트(HTML) 4 Page - NEC

  UPD16680P Datasheet HTML 1Page - NEC UPD16680P Datasheet HTML 2Page - NEC UPD16680P Datasheet HTML 3Page - NEC UPD16680P Datasheet HTML 4Page - NEC UPD16680P Datasheet HTML 5Page - NEC UPD16680P Datasheet HTML 6Page - NEC UPD16680P Datasheet HTML 7Page - NEC UPD16680P Datasheet HTML 8Page - NEC UPD16680P Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet S12694EJ2V0DS00
4
µµµµPD16680
Table 2-1. Pad Layout (1/2)
Pin No.
Pin Name
X(
µm)
Y(
µm)
Pin No.
Pin Name
X(
µm)
Y(
µm)
1
Dummy
–5883.2
–811.0
67
C3
+
2036.8
–811.0
2
Dummy
–5763.2
–811.0
68
C3
+
2156.8
–811.0
3
Dummy
–5643.2
–811.0
69
C3
+
2276.8
–811.0
4VLCBS1
–5523.2
–811.0
70
C3
–
2396.8
–811.0
5VLCBS1
–5403.2
–811.0
71
C3
–
2516.8
–811.0
6
Dummy
–5283.2
–811.0
72
C3
–
2636.8
–811.0
7VLCBS2
–5163.2
–811.0
73
VDD
2756.8
–811.0
8VLCBS2
–5043.2
–811.0
74
VDD
2876.8
–811.0
9
Dummy
–4923.2
–811.0
75
VDD
2996.8
–811.0
10
VLCBS3
–4803.2
–811.0
76
Dummy
3116.8
–811.0
11
VLCBS3
–4683.2
–811.0
77
VEXT
3236.8
–811.0
12
Dummy
–4563.2
–811.0
78
DACHA
3356.8
–811.0
13
AMPOUT
–4443.2
–811.0
79
AMPCHA
3476.8
–811.0
14
AMPOUT
–4323.2
–811.0
80
OSCIN
3596.8
–811.0
15
Dummy
–4203.2
–811.0
81
OSCOUT
3716.8
–811.0
16
AMPIN(-)
–4083.2
–811.0
82
VDD
3836.8
–811.0
17
AMPIN(-)
–3963.2
–811.0
83
OSCBRI
3956.8
–811.0
18
Dummy
–3843.2
–811.0
84
D0(DATA)
4076.8
–811.0
19
AMPIN(+)
–3723.2
–811.0
85
D1
4196.8
–811.0
20
AMPIN(+)
–3603.2
–811.0
86
D2
4316.8
–811.0
21
Dummy
–3483.2
–811.0
87
D3
4436.8
–811.0
22
VDD
–3363.2
–811.0
88
D4
4556.8
–811.0
23
VDD
–3243.2
–811.0
89
D5
4676.8
–811.0
24
Dummy
–3123.2
–811.0
90
D6
4796.8
–811.0
25
VLC5
–3003.2
–811.0
91
D7(NS)
4916.8
–811.0
26
VLC5
–2883.2
–811.0
92
WS
5036.8
–811.0
27
VLC5
–2763.2
–811.0
93
STB
5156.8
–811.0
28
Dummy
–2643.2
–811.0
94
E(SCK)
5276.8
–811.0
29
VLC4
–2523.2
–811.0
95
/RESET
5396.8
–811.0
30
VLC4
–2403.2
–811.0
96
VDD
5516.8
–811.0
31
VLC4
–2283.2
–811.0
97
TESTOUT
5636.8
–811.0
32
Dummy
–2163.2
–811.0
98
Dummy
5756.8
–811.0
33
VLC3
–2043.2
–811.0
99
Dummy
5876.8
–811.0
34
VLC3
–1923.2
–811.0
100
Dummy
6112.0
–682.2
35
VLC3
–1803.2
–811.0
101
Dummy
6112.0
–592.2
36
Dummy
–1683.2
–811.0
102
COM27
6112.0
–502.2
37
VLC2
–1563.2
–811.0
103
COM28
6112.0
–412.2
38
VLC2
–1443.2
–811.0
104
COM29
6112.0
–322.2
39
VLC2
–1323.2
–811.0
105
COM30
6112.0
–232.2
40
Dummy
–1203.2
–811.0
106
COM31
6112.0
–142.2
41
VLC1
–1083.2
–811.0
107
COM32
6112.0
–52.2
42
VLC1
–963.2
–811.0
108
COM33
6112.0
37.8
43
VLC1
–843.2
–811.0
109
COM34
6112.0
127.8
44
Dummy
–723.2
–811.0
110
COM35
6112.0
217.8
45
VLCD
–603.2
–811.0
111
COM36
6112.0
307.8
46
VLCD
–483.2
–811.0
112
COM37
6112.0
397.8
47
VLCD
–363.2
–811.0
113
Dummy
6112.0
487.8
48
VDD
–243.2
–811.0
114
Dummy
6112.0
577.8
49
VDD
–123.2
–811.0
115
Dummy
6030.0
817.8
50
VDD
–3.2
–811.0
116
Dummy
5940.0
817.8
51
VSS
116.8
–811.0
117
COM38
5850.0
817.8
52
VSS
236.8
–811.0
118
COM39
5760.0
817.8
53
VSS
356.8
–811.0
119
COM40
5670.0
817.8
54
Dummy
476.8
–811.0
120
COM41
5580.0
817.8
55
C1
+
596.8
–811.0
121
COM42
5490.0
817.8
56
C1
+
716.8
–811.0
122
COM43
5400.0
817.8
57
C1
+
836.8
–811.0
123
COM44
5310.0
817.8
58
C1
–
956.8
–811.0
124
COM45
5220.0
817.8
59
C1
–
1076.8
–811.0
125
COM46
5130.0
817.8
60
C1
–
1196.8
–811.0
126
COM47
5040.0
817.8
61
C2
+
1316.8
–811.0
127
COM48
4950.0
817.8
62
C2
+
1436.8
–811.0
128
COM49
4860.0
817.8
63
C2
+
1556.8
–811.0
129
COM50
4770.0
817.8
64
C2
–
1676.8
–811.0
130
COM51
4680.0
817.8
65
C2
–
1796.8
–811.0
131
PCOM
4590.0
817.8
66
C2
–
1916.8
–811.0
132
SEG100
4500.0
817.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44