전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3165 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 AN3165
상세설명  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 23Page - STMicroelectronics AN3165 Datasheet HTML 24Page - STMicroelectronics AN3165 Datasheet HTML 25Page - STMicroelectronics AN3165 Datasheet HTML 26Page - STMicroelectronics AN3165 Datasheet HTML 27Page - STMicroelectronics AN3165 Datasheet HTML 28Page - STMicroelectronics AN3165 Datasheet HTML 29Page - STMicroelectronics AN3165 Datasheet HTML 30Page - STMicroelectronics AN3165 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Integration principles and description
AN3165
28/31
Doc ID 17180 Rev 1
The following table shows the performances obtained.
4.4.3
3-ph inverter board input stage modification
When all boards are connected as shown in Figure 14, the 3-ph inverter boards are supplied
by a regulated DC voltage and are intended as parts of a whole interconnected system.
Therefore, their input stage must be modified as shown in Figure 16.
Figure 16.
Modified input stage for 3-ph inverter boards
Table 6.
System performances
Input voltage
Output voltage
Input power
P.F.
Current T.H.D.
185 Vrms/50 Hz
350 Vdc
850 W
0.996
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31