| 전자부품 데이터시트 검색엔진 |
|
AN4124 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4124 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 32 page ![]() AN4124 Redundancy and functions Doc ID 023294 Rev 2 25/32 switch (Reg_Selection){ case 0 : FCCU.NCFE0.R &= (uint32_t) ~(NCFE_En << (NCFE_number%32)); /* Disable the non-critical fault */ break; case 1 : FCCU.NCFE1.R &= (uint32_t) ~(NCFE_En << (NCFE_number%32)); /* Disable the non-critical fault */ break; case 2 : FCCU.NCFE2.R &= (uint32_t) ~(NCFE_En << (NCFE_number%32)); /* Disable the non-critical fault */ break; case 3 : FCCU.NCFE3.R &= (uint32_t) ~(NCFE_En << (NCFE_number%32)); /* Disable the non-critical fault */ break; default: FCCU.NCFE3.R &= (uint32_t) ~(NCFE_En << (NCFE_number%32)); /* Disable the non-critical fault */ break; } } }; return(exit_value); } A.2.10 NCF - normal to alarm - read state uint32_t FCCU_NAFS_Read(uint32_t* NAFS_Value){ uint32_t exit_value= 0; /* Returned value = ERROR */ FCCU.CTRL.B.OPR = CTRL_OPR4; /* Set the OP4 */ while(FCCU.CTRL.B.OPS != CTRL_OPS3); /* wait for the completion of the operation */ *NAFS_Value = FCCU.NAFS.R; /* Read the NAFS latched state */ exit_value = 1; /* Returned value = SUCCESS */ return(exit_value); } A.2.11 NCF - normal to alarm - clear state uint32_t FCCU_NAFS_Clear(void){ uint32_t exit_value= 0; /* Returned value = ERROR */ FCCU.CTRL.B.OPR = CTRL_OPR13; /* Set the OP13 */ while(FCCU.CTRL.B.OPS != CTRL_OPS3); /* wait for the completion of the operation */ exit_value = 1; /* Returned value = SUCCESS */ return(exit_value); } A.2.12 IRQ status uint32_t FCCU_IRQ_Status(uint32_t CFG_TO_STAT, uint32_t* ALRM_STAT, uint32_t* NMI_STAT){ uint32_t exit_value= 0; /* Returned value = ERROR */ if (CFG_TO_STAT == 1){ FCCU.IRQ_STAT.B.CFG_TO_STAT |= 1;/* Clear the Configuration Time Out Error */ }else{ FCCU.IRQ_STAT.B.CFG_TO_STAT &= ~(1);/* No effect on bit */ } *ALRM_STAT = FCCU.IRQ_STAT.B.ALRM_STAT;/* Read Alarm Interrupt Status */ *NMI_STAT = FCCU.IRQ_STAT.B.NMI_STAT;/* Read NMI Interrupt Status */ |