전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4348 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4348
상세설명  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 14Page - STMicroelectronics AN4348 Datasheet HTML 15Page - STMicroelectronics AN4348 Datasheet HTML 16Page - STMicroelectronics AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics AN4348 Datasheet HTML 19Page - STMicroelectronics AN4348 Datasheet HTML 20Page - STMicroelectronics AN4348 Datasheet HTML 21Page - STMicroelectronics AN4348 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Maintaining the sensor biased
AN4348
18/25
DocID025166 Rev 1
If biasing is required for the sensor (e.g. an oxygen sensor), a secondary divider bridge can
be used to independently drive the input common mode voltage of the two op-amps. The
P-JFET should also be removed.
For a two electrode sensor, IC1B should be configured in follower to drive the CE to a fixed
voltage (no R5, R6 and C2 shorted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25