전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4367 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4367
상세설명  This document provides overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4367 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4367 Datasheet HTML 3Page - STMicroelectronics AN4367 Datasheet HTML 4Page - STMicroelectronics AN4367 Datasheet HTML 5Page - STMicroelectronics AN4367 Datasheet HTML 6Page - STMicroelectronics AN4367 Datasheet HTML 7Page - STMicroelectronics AN4367 Datasheet HTML 8Page - STMicroelectronics AN4367 Datasheet HTML 9Page - STMicroelectronics AN4367 Datasheet HTML 10Page - STMicroelectronics AN4367 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID025333 Rev 1
7/13
AN4367
Machine check handler
12
2
Machine check handler
Machine check handler usually splits into two parts:
Low level handler
User handler
2.1
Low level handler
Low level handler is responsible for first and last part of the exception execution. It is usually
written in assembly as it needs to execute proper instruction sequence before it can pass
the code execution to higher level routine and accesses special purpose Core registers.
The middle of the interrupt service routine belongs to the user handler where analysis of the
root cause of the exception and fault removal is done.
Once the user handler is finished code execution is given back to the low level driver to
finish the interrupt and return back to the interrupted process.
Figure 1. Machine check exception flow
2.1.1
Start phase
First steps when machine check exception occurs are done by the hardware (Core) which
stores content of the MSR register and address of the current instruction pointer if it is
possible (precise exception).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13