전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4598 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4598
상세설명  Pre-amplifying the analog output of a MEMS microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics AN4598 Datasheet HTML 10Page - STMicroelectronics AN4598 Datasheet HTML 11Page - STMicroelectronics AN4598 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID026988 Rev 1
9/12
AN4598
Inverting configuration
12
6
Inverting configuration
Other circuits are of course possible. For example, Figure 4 shows an inverting
configuration where the main architecture (without any filtering and biasing of the input at
Vcc/2) has a gain of –R2/R1.
Figure 4. Inverting configuration
To design a circuit with a differential output, we can simply cascade an inverting stage (with
R2 = R1) to the output of the first stage amplifier.
Both outputs would then be with the same amplitude, but with a phase inversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12