| 전자부품 데이터시트 검색엔진 |
|
TN0873 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0873 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() DocID022757 Rev 4 3/11 TN0873 Space-grade description 11 1.4.1 Electrical wafer sort The electrical wafer sort carried out on the parts ensures that the tested parts comply with the functional and electrical specification of the packaged versions as described in the datasheet. 1.4.2 S.E.M inspection The S.E.M inspection is made in compliance with the governing specification, which depends on the product family: • Diodes: no S.E.M inspection • Bipolar transistor: S.E.M inspection as per MIL-STD-750 method 2077 for all orders • MOSFET: S.E.M inspection as per MIL-STD-750 method 2077 for all orders • Logic and other ICs: S.E.M inspection as per MIL-STD-883 method 2018 for all orders. For bipolar transistors and MOSFETs, an S.E.M inspection report is optional and incurs costs. An S.E.M inspection report is provided by default with each shipment of integrated circuits in die form with the ST space-grade. 1.4.3 Radiation test Products with a guaranteed radiation level are qualified in radiation with the flow of their packaged counterparts, either as per the qualifying agency specification or according to an ST internal specification (the latter only for product without version with guaranteed radiation level qualified as such by an agency). The Radiation Verification Test report is provided with each shipment of radiation guaranteed parts. The details of the test (total dose, dose rate, biasing conditions, etc) are product family dependent. Table 1. Summary of production flow Step description Discrete products Integrated circuits Comments Electrical wafer sort 100% 100% See 1.4.1 S.EM. inspection Bipolar transistors: 100% MOSFET: 100% Diodes: No 100% See 1.4.2 Radiation test Bipolar transistors: if applicable MOSFET: 100% Diodes: No 100% See 1.4.3 Wafer qualification 100% 100% See 1.4.4 Visual test ESCC2045000 @ 100% ESCC2049000 @ 100% See 1.4.5 Conditioning Waffle pack See 1.4.6 Packing Vacuum sealed anti-static bag See 1.4.6 |