전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74HC534P 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 HD74HC534P
상세설명  Octal D-type Flip-Flops (with 3-state outputs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC534P 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC534P Datasheet HTML 3Page - Renesas Technology Corp HD74HC534P Datasheet HTML 4Page - Renesas Technology Corp HD74HC534P Datasheet HTML 5Page - Renesas Technology Corp HD74HC534P Datasheet HTML 6Page - Renesas Technology Corp HD74HC534P Datasheet HTML 7Page - Renesas Technology Corp HD74HC534P Datasheet HTML 8Page - Renesas Technology Corp HD74HC534P Datasheet HTML 9Page - Renesas Technology Corp HD74HC534P Datasheet HTML 10Page - Renesas Technology Corp HD74HC534P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74HC374, HD74HC534
Rev.2.00 Mar 30, 2006 page 7 of 8
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
24.50
6.30
5.08
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
25.40
7.00
0.40
0.48
1.27
2.54
1
p
3
1
10
20
11
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP20-6.3x24.5-2.54
1.26g
MASS[Typ.]
DP-20NEV
PRDP0020AC-B
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
13.0
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
12.60
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
20
11
10
F
*1
*3
p
M
x
y
1
Index mark
D
b
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP20-5.5x12.6-1.27
0.31g
MASS[Typ.]
FP-20DAV
PRSP0020DD-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com