전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4240 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 AN4240
상세설명  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 21Page - STMicroelectronics AN4240 Datasheet HTML 22Page - STMicroelectronics AN4240 Datasheet HTML 23Page - STMicroelectronics AN4240 Datasheet HTML 24Page - STMicroelectronics AN4240 Datasheet HTML 25Page - STMicroelectronics AN4240 Datasheet HTML 26Page - STMicroelectronics AN4240 Datasheet HTML 27Page - STMicroelectronics AN4240 Datasheet HTML 28Page - STMicroelectronics AN4240 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Doc ID024209 Rev 2
25/30
AN4240
Conclusion
7
Conclusion
To protect the cryptographic keys from software attacks, the control over those keys are
moved from the software domain to the hardware domain. The SPC564xB/C device is the
first ST device which offers the security features specified in the Secure Hardware
Extension (SHE) functional specification completely in hardware, offering a higher security
standard to OEM’s in the future when using this device.
The discussions and explanations in this document provide an overview of the features the
CSE module implements and how these features are used.
The three example codes show a mini-life cycle in order to load cryptographic keys, issue a
secure boot and encrypt and decrypt an image using two cipher modes, showing the
superiority of the CBC cipher mode against the ECB one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30