전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4475 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN4475
상세설명  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics AN4475 Datasheet HTML 19Page - STMicroelectronics AN4475 Datasheet HTML 20Page - STMicroelectronics AN4475 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Functional safety requirements for application software
AN4475
18/27
DocID026216 Rev 1
2.19
All safety relevant modules
Suggested: [covers: SW_CRC_CONF_REG] CRC signature iss used to check the
correctness of the content of the configuration registers of each safety-related module. This
check runs once per FTTI. [end]
Implementation hint: E.g. the CRC signature of the content of the configuration registers of
each safety-related module is calculated off-line. At run time, the same CRC signature is
calculated by software within the FTTI. The run-time calculated CRC signature is then
compared to the expected one, i.e. the off line calculated CRC signature. CRC signature
could be calculated by software using one or more industry standard CRC algorithms. To
avoid CPU overloading, the EDMA module can be used to support the data transfer from
the registers under check to the RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26