전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OS21 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 OS21
상세설명  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button OS21 Datasheet HTML 4Page - STMicroelectronics OS21 Datasheet HTML 5Page - STMicroelectronics OS21 Datasheet HTML 6Page - STMicroelectronics OS21 Datasheet HTML 7Page - STMicroelectronics OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics OS21 Datasheet HTML 10Page - STMicroelectronics OS21 Datasheet HTML 11Page - STMicroelectronics OS21 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Timers
OS21, ARM
6/14
8083358
The timeout timer is programmed on demand to interrupt when the required number of ticks
have elapsed. When multiple timeouts are requested OS21 orders which timeout should
occur next, and programs the timeout timer appropriately.
When OS21 profiling is enabled, the profiling timer generates interrupts at regular intervals.
The profiler samples the PC whenever this interrupt is fired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16