전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17072 데이터시트(PDF) 2 Page - NEC

부품명 UPD17072
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17072 데이터시트(HTML) 2 Page - NEC

  UPD17072 Datasheet HTML 1Page - NEC UPD17072 Datasheet HTML 2Page - NEC UPD17072 Datasheet HTML 3Page - NEC UPD17072 Datasheet HTML 4Page - NEC UPD17072 Datasheet HTML 5Page - NEC UPD17072 Datasheet HTML 6Page - NEC UPD17072 Datasheet HTML 7Page - NEC UPD17072 Datasheet HTML 8Page - NEC UPD17072 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 226 page
background image
µPD17072,17073
2
ORDERING INFORMATION
Part Number
Package
µPD17072GB-×××-1A7
56-pin plastic QFP (10
× 10 mm, 0.65-mm pitch)
µPD17072GB-×××-9EU
64-pin plastic TQFP (fine pitch) (10
× 10 mm, 0.5-mm pitch)
µPD17073GB-×××-1A7
56-pin plastic QFP (10
× 10 mm, 0.65-mm pitch)
µPD17073GB-×××-9EU
64-pin plastic TQFP (fine pitch) (10
× 10 mm, 0.5-mm pitch)
Remark
××× is a ROM code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More