전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FYLS-0603ASGC 데이터시트(PDF) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

부품명 FYLS-0603ASGC
상세설명  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
홈페이지  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603ASGC 데이터시트(HTML) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603ASGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Model. No.
Rev.
■
■
■
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
: 6/8
Http://www.foryard.com
FYLS-0603ASGC
A
Model No.
:
:
:
:FYLS-0603ASGC
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYLS-XXXXX-XX
Qty:XXXXX PCS
Date:xxxx/xx/xx
GW: XX KG
NW: XX KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
0603A 4000/Reel
9 Reels /Box
6 Boxes/Carton
QC: QC
PASS
Reel
11
.5
30
18
.5
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
39.0
38
.0
32
.0
OUTSIDE LABEL
OUTSIDE LABEL



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com