전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1235 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN1235
상세설명  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics AN1235 Datasheet HTML 10Page - STMicroelectronics AN1235 Datasheet HTML 11Page - STMicroelectronics AN1235 Datasheet HTML 12Page - STMicroelectronics AN1235 Datasheet HTML 13Page - STMicroelectronics AN1235 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Changes
AN1235
12/14
Doc ID 7272 Rev 8
ONYX32 Key Features
●
Fully automated X,Y,Z and theta control
●
Fully automated alignment using digital feature separation (DFS) technology
●
Precision force sensor and mass flow controller
●
Four zone bottom preheater
●
Flux dipping station
●
FireWire (IEEE 1394) controls
●
Visual machines software
●
Machine table including power supply cabinet
ONYX32 Options
●
Dispensing head for solder paste, flux, underfill or adhesives
●
Non-contact temperature sensor
●
Site solder removal system
6
Changes
STMicroelectronics reserves the right to implement minor changes of geometry and
manufacturing processes without prior notice. Such changes will not affect the electrical
characteristics of the die, the pad layout or the maximum die size. However for confirmed
orders, no variation will be made without the customer’s approval.
7
Quality
7.1
Electrical inspection
Products in Flip Chip are 100% electrically probed according to the critical parameters of the
ST product specification. The last operation before packing is 100% electrical testing. The
other parameters are guaranteed by technology, design rules and by continuous monitoring
systems.
7.2
Visual inspection
A visual control is performed on all manufacturing lots according to the MIL-STD-883
method 2010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14