전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2451 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN2451
상세설명  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 5Page - STMicroelectronics AN2451 Datasheet HTML 6Page - STMicroelectronics AN2451 Datasheet HTML 7Page - STMicroelectronics AN2451 Datasheet HTML 8Page - STMicroelectronics AN2451 Datasheet HTML 9Page - STMicroelectronics AN2451 Datasheet HTML 10Page - STMicroelectronics AN2451 Datasheet HTML 11Page - STMicroelectronics AN2451 Datasheet HTML 12Page - STMicroelectronics AN2451 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
AN2451
Safety precautions
Doc ID 12791 Rev 3
9/55
2
Safety precautions
The board must be used only by expert technicians. Due to the high voltage (220 V ac)
present on the parts which are not isolated, special care should be taken with regard to
people's safety.
There is no protection against high voltage accidental human contact.
After disconnection of the board from the mains, none of the live parts should be touched
immediately because of the energized capacitors.
It is mandatory to use a mains insulation transformer to perform any tests on the high
voltage sections (see circuit sections highlighted in Figure 7 and Figure 8) in which test
instruments like Spectrum Analyzers or Oscilloscopes are used.
Do not connect any oscilloscope probes to high voltage sections in order to avoid damaging
instruments and demonstration tools.
Warning:
ST assumes no responsibility for any consequences which
may result from the improper use of this tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55