전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0759 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 UM0759
상세설명  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 9Page - STMicroelectronics UM0759 Datasheet HTML 10Page - STMicroelectronics UM0759 Datasheet HTML 11Page - STMicroelectronics UM0759 Datasheet HTML 12Page - STMicroelectronics UM0759 Datasheet HTML 13Page - STMicroelectronics UM0759 Datasheet HTML 14Page - STMicroelectronics UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
13/26
3.3
Evaluation GUI description
The L9958 GUI consists of five fields, three control fields: SPI menu select, motor control
command field, function configuration field; two indication field: SPI diagnosis indicator and
EN, DI, DIR indicator.
Figure 11.
L9958 GUI general view and the default value
3.3.1
RUN and STOP L9958 GUI
The L9958 GUI was automatically running when opened. At this time, the default value was
shown as Figure 11.
User can stop and exit the GUI via click “Exit” key:
or press “ESC” key on
keypad.
3.3.2
Configure L9958 GUI
SPI menu select field
This field was used to select SPI command. The SPI command was sent to L9958 by ST10
via SPI. The SPI configuration protocol was shown as below, more details, please refer to
L9958.
Table 5.
SPI configuration protocol
Bit
Name
Description
Config. value
after reset
0 - LSB
RES
Reserved
1
DR
Diagnostic Reset Bit
0
2
CL_1
Bit1 for Regulation Current Level
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26