| 전자부품 데이터시트 검색엔진 |
|
AN3095 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3095 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 55 page ![]() DC-DC converter design AN3095 18/55 Doc ID 16555 Rev 3 The transformer apparent power is: Equation 22 Then the electrical condition parameter calculation Ke may be evaluated: Equation 23 where Kf=4.44 is the waveform coefficient. Equation 24 Now, the core geometry parameter is calculated as: Equation 25 The Kg parameter of a generic transformer core is given by the following equation: Equation 26 Using two sets of E70/33/32s the following condition is verified: Equation 27 The number of primary turns for the design flux swing is: Equation 28 The primary inductance value is: Equation 29 and the number of secondary turns is: Equation 30 W 6061 I V ) 1 1 ( P P P 0 0 0 0 t = + η = + η = ( )4 2 m 2 2 f e 10 B f K 145 . 0 K - • • • = ( ) 7606 10 ) 15 . 0 ( ) 000 . 35 ( ) 44 . 4 ( 145 . 0 K 4 2 2 2 e = = - 5 e t g cm 65 . 2 K 2 P K = α = MLT K A W K u 2 c a gCORE = MLT K A W K u 2 c a gCORE = >Kg turns 14 A 2 B T D V N c max in 1 min = ⋅ ⋅ Δ = () mH 48 . 2 nH 12666 * 14 A N L 2 L 2 p = = = turns 17 1 N n N 2 = • = |