전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3213 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 AN3213
상세설명  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics AN3213 Datasheet HTML 45Page - STMicroelectronics AN3213 Datasheet HTML 46Page - STMicroelectronics AN3213 Datasheet HTML 47Page - STMicroelectronics AN3213 Datasheet HTML 48Page - STMicroelectronics AN3213 Datasheet HTML 49Page - STMicroelectronics AN3213 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ST7570 demonstration board description
AN3213
46/64
Doc ID 17429 Rev 1
Figure 41.
Carrier frequency deviation vs. crystal tolerance
In order to evaluate the compliance, with the requirement of the delay between mains zero
crossing and the beginning of the communication window, the zero crossing coupling circuit
response needs to be considered, introducing a delay of 30 µs (typical) between mains zero
crossing and ZC_IN_A signal (see Section 7.1.4).
The target delay equal to 120 µs can be achieved by adding an integer number of 13 µs
steps to the circuit delay (References 2). In particular, with 7 steps the total delay is 7×13 µs
+ 30 µs
≈ 120 µs.
The jitter around the expected value changes in accordance with the crystal tolerance, as
shown in Figure 42.
Figure 42.
Delay between mains zero crossing and transmission start: jitter vs.
crystal tolerance
The maximum tolerance for the HC49U crystal adopted for the ST7570 demonstration
board, that is 150 ppm, allows the above requirements to be met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64