전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0670 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 UM0670
상세설명  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 3Page - STMicroelectronics UM0670 Datasheet HTML 4Page - STMicroelectronics UM0670 Datasheet HTML 5Page - STMicroelectronics UM0670 Datasheet HTML 6Page - STMicroelectronics UM0670 Datasheet HTML 7Page - STMicroelectronics UM0670 Datasheet HTML 8Page - STMicroelectronics UM0670 Datasheet HTML 9Page - STMicroelectronics UM0670 Datasheet HTML 10Page - STMicroelectronics UM0670 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Design concept
UM0670
7/43
Doc ID 15327 Rev 2
Figure 3 illustrates a high PF boost converter design concept. Two additional features are
implemented in the application and these improvements are shown in the blue segments.
The first improves circuit behavior during startup (see Section 10.1 for a description) and the
second allows the dimming of the LED down to 0%, or no LED brightness (description
provided in Section 10.2).
Figure 4 shows the design concept of a modified buck converter with a dimming function.
The output LED current is adjusted by setting the proper sense resistor size via the jumpers
(to adjust maximum LED current), together with the proper setting of the capacitor used in
the FOT network (adjust minimum LED current). The external PWM generator provides
a PWM signal between 0 and 100% for brightness regulation. This signal is connected
through a diode to the current sense pin and allows control of LED brightness.
Figure 3.
High PF boost converter design concept
AM00413
VOUT = 400 V
Vc = 16 V
Supplying PWM generator with ST7LITEU05
Supplying L6562A in modified BUCK converter
GND
L6562A
CS
Input EMI filter
Proper startup
Allowing
0% dimming
STTH1L06
STP8NM50FP
D104
C110
COMP INV
C107
ZCD
VCC
MULT
GD
VIN = 88 V
to 265 V AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com