전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1008 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 UM1008
상세설명  Demonstration kit for the ST7570 power line modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1008 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button UM1008 Datasheet HTML 18Page - STMicroelectronics UM1008 Datasheet HTML 19Page - STMicroelectronics UM1008 Datasheet HTML 20Page - STMicroelectronics UM1008 Datasheet HTML 21Page - STMicroelectronics UM1008 Datasheet HTML 22Page - STMicroelectronics UM1008 Datasheet HTML 23Page - STMicroelectronics UM1008 Datasheet HTML 24Page - STMicroelectronics UM1008 Datasheet HTML 25Page - STMicroelectronics UM1008 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Services
UM1008
22/32
Doc ID 18032 Rev 2
5.3
MIB operations
In addition to basic modem configuration, explained in Section 6.1, as described in the
IEC61334-5-1 standard, there are several other parameters that influence modem behavior
when configured as MAC; all these parameters belong to the MIB and are accessible
through MIB write and read operations.
Figure 29 shows the panel that appears once the “MIB” button in the node panel is pressed.
Figure 29.
MIB parameter panel default appearance
The MIB parameters allowing basic operations at MAC layer are:
1.
Addresses: Local MAC address, Initiator MAC address, FIMA and LIMA, and MAC
group addresses.
2.
Timeout: Time Out Synchro Confirm[sec], Not OK[sec], Not Addressed[min] and
Intelligent Synchronization[min].
3.
Repeater settings: (for server only).
Figure 29 shows their position in the “MIB” panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32