전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD78F9232CS 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 PD78F9232CS
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 7Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 8Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 9Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 10Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 11Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 12Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 13Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 14Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
9
µ PD78F9232CS, 78F9234CS
1.3
Pin I/O Circuits and Connection of Unused Pins
Table 1-1 shows I/O circuit type of each pin and the connections of unused pins.
For the configuration of the I/O circuit of each type, refer to Figure 1-1.
Table 1-1. Types of Pin I/O Circuits and Connection of Unused Pins
Pin Name
I/O Circuit Type
I/O
Recommended Connection of Unused Pin
P00 to P03
8-A
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P20/ANI0 to P23/ANI3
11
Input:
Independently connect to AVREF or VSS via a resistor.
Output: Leave open.
P30/TI000/INTP0
P31/TI010/TO00/INTP2
P32 and P33
8-A
I/O
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P34/RESET
2
Input
Connect to VDD via a resistor.
P40
P41/INTP3
P42/TOH1
P43/TxD6/INTP1
P44/RxD6
P45 to P47
P120
8-A
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P121/X1
P122/X2
16-B
Input:
Independently connect to VSS via a resistor.
Output: Leave open.
P123
8-A
I/O
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P130
3-C
Output
Leave open.
AVREF
−
−
Directly connect to VDD.
AVSS
−
−
Directly connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30