| 전자부품 데이터시트 검색엔진 |
|
SD300R16PC 데이터시트(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
SD300R16PC 데이터시트(HTML) 1 Page - International Rectifier |
|
1 / 7 page ![]() SD300N/R 16 to 20 25 to 32 Features Wide current range High voltage ratings up to 3200V High surge current capabilities Stud cathode and stud anode version Standard JEDEC types Typical Applications Converters Power supplies Machine tool controls High power drives Medium traction applications Parameters Units I F(AV) 380 380 A @ T C 100 70 °C I F(RMS) 595 425 A I FSM @ 50Hz 6050 6050 A @ 60Hz 6335 6335 A I2t@ 50Hz 183 183 KA2s @ 60Hz 167 167 KA2s V RRM range 1600 to 2000 2500 to 3200 V T J - 40 to 180 - 40 to 150 °C Major Ratings and Characteristics case style DO-205AB (DO-9) SD300N/R SERIES STANDARD RECOVERY DIODES Stud Version 1 380A Bulletin I2081 rev. C 03/03 www.irf.com |
유사한 부품 번호 - SD300R16PC |
|
유사한 설명 - SD300R16PC |