전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN993 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 AN993
상세설명  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AN993
Description of the demonstration application
Doc ID 5656 Rev 10
15/27
4
Description of the demonstration application
The design has been developed to drive a TL fluorescent lamp up to 58 W. It is composed of
two sections: the PFC, using the L6561 controller, and the ballast, based on the L6574 (see
Figure 13 and Figure 14). The application is provided with a current feedback that can be
used to control the power (and, if necessary, the dimming function) by varying the switching
frequency during normal burning of the lamp. The application is also provided with a safety
circuitry that gets activated when an open load or faulty ignition of the lamp is detected.
Figure 13.
Demonstration application circuit
AM01321v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27