전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN994 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 AN994
상세설명  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button AN994 Datasheet HTML 16Page - STMicroelectronics AN994 Datasheet HTML 17Page - STMicroelectronics AN994 Datasheet HTML 18Page - STMicroelectronics AN994 Datasheet HTML 19Page - STMicroelectronics AN994 Datasheet HTML 20Page - STMicroelectronics AN994 Datasheet HTML 21Page - STMicroelectronics AN994 Datasheet HTML 22Page - STMicroelectronics AN994 Datasheet HTML 23Page - STMicroelectronics AN994 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Application examples
AN994
20/25
7
Application examples
This section provides several application suggestions that highlight the versatility and
flexibility of this family of high- and low-side drivers. Their simplicity and compactness make
these devices a cost-effective solution.
For further information on these ICs, refer to the following documents.
●
AN1263: "Using the internal bootstrap current capability of the L638xE in driving a six
transistor inverter bridge".
●
AN1299: "L638xE tricks and tips".
Figure 15.
L6384E µC 3-phase motor control
E
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25